PART |
Description |
Maker |
AT27BV010 AT27BV010-15TC AT27BV010-15TI AT27BV010- |
AML24 Series Rocker Switch, SPDT, 2 position, Gold Contacts, 0.110 in x 0.020 in (Solder or Quick-Connect), Non-Lighted, Rectangle, Snap-in Panel 128K X 8 OTPROM, 90 ns, PQCC32 1 Megabit 128K x 8 Unregulated Battery-Voltage OTP CMOS EPROM 128K X 8 OTPROM, 90 ns, PQCC32 1M bit, 2.7-Volt to 3.6-Volt EPROM
|
Atmel, Corp. Atmel Corp. ATMEL Corporation
|
AM29LV001BT-45RFCB AM29LV001BT-45RFIB AM29LV001BT- |
1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 128K X 8 FLASH 3V PROM, 90 ns, PDSO32 1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 128K X 8 FLASH 3V PROM, 70 ns, PDSO32 1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 128K X 8 FLASH 3V PROM, 55 ns, PDSO32 1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 128K X 8 FLASH 3V PROM, 70 ns, PQCC32 1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 128K X 8 FLASH 3V PROM, 45 ns, PDSO32 1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 128K X 8 FLASH 3V PROM, 90 ns, PQCC32 1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 128K X 8 FLASH 3V PROM, 55 ns, PQCC32 1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 1兆位28亩8位)的CMOS 3.0伏,只引导扇区闪 1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 1兆位128亩8位)的CMOS 3.0伏,只引导扇区闪
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
AT29LV010A AT29LV010A-15 AT29LV010A-15JC AT29LV010 |
1 Megabit 128K x 8 3-volt Only CMOS Flash
|
ATMEL[ATMEL Corporation]
|
AT29C010A-70JU AT29C010A-90JU AT29C010A-90TU AT29C |
1-megabit (128K x 8) 5-volt Only Flash Memory
|
ATMEL Corporation
|
AT29BV010A-25 AT29BV010A-30JC AT29BV010A-30JI AT29 |
1 Megabit 128K x 8 Single 2.7-volt Battery-Voltage CMOS Flash
|
Atmel Corp.
|
AT49HBV010 AT49HBV010-70JC |
1-Megabit 128K x 8 Single 2.7-volt Battery-Voltage Flash Memory
|
Atmel
|
AM29LV200BB-70DFC AM29LV200BB-70DWI AM29LV200BB-90 |
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory, Die Revison 1 128K X 16 FLASH 3V PROM, 70 ns, UUC43 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory, Die Revison 1 128K X 16 FLASH 3V PROM, 90 ns, UUC43 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory, Die Revison 1 128K X 16 FLASH 3V PROM, 60 ns, UUC43 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory, Die Revison 1 2兆位56亩x 8-Bit/128亩x 16位).0伏的CMOS只,引导扇区快闪记忆体,修编模具1 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory, Die Revison 1 2兆位56x 8-Bit/128x 16位).0伏的CMOS只,引导扇区快闪记忆体,修编模具1 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory, Die Revison 1 128K X 16 FLASH 3V PROM, 120 ns, UUC43 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory, Die Revison 1 2兆位256亩x 8-Bit/128亩x 16位).0伏的CMOS只,引导扇区快闪记忆体,修编模具1 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory, Die Revison 1 2兆位56亩x 8-Bit/128亩x 16位)3.0伏的CMOS只,引导扇区快闪记忆体,修编模具1
|
Advanced Micro Devices, Inc.
|
AT45DB041B-SC-2.5 AT45DB041B-TC-2.5 AT45DB041B-TI |
MOSFET N-CH 200V 105A ISOPLUS247 4-megabit 2.5-volt Only or 2.7-volt Only DataFlash 4M X 1 FLASH 2.7V PROM, PDSO28 4-megabit 2.5-volt Only or 2.7-volt Only DataFlash 4M X 1 FLASH 2.7V PROM, PDSO8
|
Atmel Corp. ATMEL Corporation Atmel, Corp.
|
AM29F100-1 AM29F100B-120DGC AM29F100B-120DGC1 AM29 |
1 megabit CMOS 5.0 volt-only, boot sector flash memory 1 Megabit (128 K x 8-Bit/64 K x 16-Bit) CMOS 5.0 Volt-only/ Boot Sector Flash Memory-Die Revision 1 Hex Inverters 14-VQFN -40 to 85 1兆位28x 8-Bit/64x 16位).0伏的CMOS只,引导扇区快闪记忆体模修订1 1 Megabit (128 K x 8-Bit/64 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory-Die Revision 1 128K X 8 FLASH 5V PROM, 120 ns, UUC47 1 Megabit (128 K x 8-Bit/64 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory-Die Revision 1 1兆位28亩x 8-Bit/64亩x 16位).0伏的CMOS只,引导扇区快闪记忆体模修订1 Hex Inverters 14-TSSOP -40 to 85 1兆位28亩x 8-Bit/64亩x 16位).0伏的CMOS只,引导扇区快闪记忆体模修订1
|
AMD[Advanced Micro Devices] Advanced Micro Devices, Inc. PROM ADVANCED MICRO DEVICES INC
|
AM29LV200B AM29LV200BB-120EC AM29LV200BB-120ECB AM |
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 256K X 8 FLASH 3V PROM, 80 ns, PDSO48 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 128K X 16 FLASH 3V PROM, 90 ns, PDSO48 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 2兆位256Kx8Bit/128Kx16位).0伏的CMOS引导扇区闪存 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 2兆位56Kx8Bit/128Kx16位).0伏的CMOS引导扇区闪存
|
http:// AMD[Advanced Micro Devices] Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|